Part Number Hot Search : 
0ETTS 1N6375 3709Z KA3843A 1342B AM29F800 M35054 MMSZ5
Product Description
Full Text Search
 

To Download 5562R2MI300CC2 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Type 556 105 C, Computer Grade, Axial Leaded, Aluminum
105 C, Computer Grade
Type 556 capacitors are designed for data processing, telecom and instrumentation applications requiring smaller size with extended temperature range. They have longer life and up to twice the ripple capability of +85 C capacitors.
Highlights
Small size Extended life Extended temperature Twice ripple capability of +85 C capacitors Designed for data processing, telecom and instrumentation applications
Specifications
Operating Temperature Range: Rated Voltage Range: Capacitance: Capacitance Tolerance: Leakage Current: Ripple Current: 40 C to +105 C 6.3 to 450 Vdc 1.5 F to 6,800 F 20% 3-20 Vdc 0.1 CV +2 A 25 Vdc & up 0.2 CV +2 A Ambient Temperature 45 C 1.50 Frequency 0-60 Vdc 61-150 Vdc 50 Hz 0.85 0.83 60 Hz 1.00 1.00 120 Hz 1.10 1.15 360 Hz 1 kHz 1.15 1.15 1.20 1.20 5 kHz 1.15 1.20 10 kHz+ 1.15 1.20 55 C 1.46 65 C 1.32 75 C 1.17 85 C 1.00 95 C 0.79 105 C 0.50
Load Life: Shelf Life: Vibration:
4,000 h @ +105 C, capacitance 20%, ESR 200% of limit, DCL 100% of limit 100 h at 105 C, capacitance, ESR & DCL, initial requirements. 10 to 55 Hz; 0.06" and 10 g max, 2 h. in each plane
Outline Drawings
20 AWG 0.81
38 mm min.
L
38 mm min.
D
CDM Cornell Dubilier * 140 Technology Place * Liberty, SC 29657 * Phone: (864)843-2277 * Fax: (864)843-3800 * www.cde.com
Type 556 105 C, Computer Grade, Axial Leaded, Aluminum
Typical Performance Curves
CDM Cornell Dubilier * 140 Technology Place * Liberty, SC 29657 * Phone: (864)843-2277 * Fax: (864)843-3800 * www.cde.com
Type 556 105 C, Computer Grade, Axial Leaded, Aluminum
Case Dimensions
Millimeters Case Code BA BB CB CC DC DD DF DH MF MH EH ER FH FR LV Nominal Diameter (mm) Length (mm) 6.3 13.0 6.3 17.5 8.0 17.5 8.0 20.5 9.5 20.5 9.5 24.0 9.5 32.0 9.5 38.0 11.0 32.0 11.0 38.0 12.5 38.0 12.5 44.0 16.0 38.0 16.0 44.5 18.0 40.0 Insulated Diameter (max) Length (max) 7.0 14.4 7.0 19.2 8.6 19.2 8.6 22.3 10.2 22.3 10.2 25.5 10.2 33.5 10.2 39.8 11.8 33.8 11.8 39.8 13.1 39.8 13.1 46.5 16.6 39.8 16.6 46.5 18.7 42.5 Insulated with Epoxy Endseal Diameter (max) Length (max) 7.0 15.9 7.0 20.7 8.6 20.7 8.6 23.8 10.2 23.8 10.2 27.0 10.2 35.0 10.2 41.3 11.8 35.0 13.1 41.3 13.1 41.3 13.1 48.0 16.6 41.3 16.6 48.0 18.7 43.0
Part Numbering System
556 Type 123 Capacitance
6R8=6.8 F 680=68 F 681=680 F 682=6800 F 123=12,000 F
M Tolerance
M= 20%
6R3 Voltage
6R3=6.3 Vdc 063=63 Vdc 100=100 Vdc
LV Case Code
2 Insulation
0=Bare Can 1=Polyester 2=PVC
E Epoxy Endseal
E = Epoxy Endseal (blank) = No Epoxy
Ratings
Cap. F Catalog Number ESR Max. 120 Hz Ripple A @ 85 C 120 Hz Nominal Size (mm) DxL Cap. F Catalog Number ESR Max. 120 Hz Ripple A @ 85 C 120 Hz Nominal Size (mm) DxL
6.3 Vdc (8 Vdc Surge) 120 220 330 470 820 1200 1800 2200 3900 4700 5600 6800 10000 12000 556121M6R3BA2 556221M6R3BB2 556331M6R3CB2 556471M6R3CC2 556821M6R3DC2 556122M6R3DD2 556182M6R3DF2 556222M6R3DH2 556392M6R3MH2 556472M6R3EH2 556562M6R3ER2 556682M6R3FH2 556103M6R3FR2 556123M6R3LV2 3.60 2.00 1.29 1.00 0.64 0.37 0.27 0.23 0.16 0.13 0.12 0.10 0.09 0.08 0.109 0.18O 0.255 0.338 0.480 0.570 0.800 1.080 1.280 1.640 1.780 2.000 2.350 2.580 6.3 x 13 6.3 x 17.5 8 x 17.5 8 x 20.5 9.5 x 20.5 9.5 x 24 9.5 x 32 9.5 x 38 11 x 38 12.5 x 38 12.5 x 44.5 16 x 38 16 x 44.5 18 x 44.5 1000 1500 1800 2200 3300 3300 4700 5600 8200 10000
10 Vdc (12 Vdc Surge) (cont'd) 556102M010DD2 556152M010DF2 556182M010DH2 556222M010MF2 556332M010EH2 556332M010MH2 556472M010ER2 556562M010FH2 556822M010FR2 556103M010LV2 0.41 0.30 0.27 0.19 0.14 0.15 0.12 0.10 0.09 0.08 0.560 0.785 1.030 1.160 1.600 1.380 1.780 2.000 2.340 2.550 9.5 x 24 9.5 x 32 9.5 x 38 11 x 32 12.5 x 38 11 x 38 12.5 x 44.5 16 x 38 16 x 44.5 18 x 40
12 Vdc (15 Vdc Surge) 100 180 220 390 560 820 1200 1500 556101M012BA2 556181M012BB2 556221M012CB2 556391M012CC2 556561M012DC2 556821M012DD2 556122M012DF2 556152M012DH2 3.71 2.12 1.65 1.00 0.66 0.45 0.32 0.28 0.108 0.168 0.245 0.330 0.425 0.550 0.760 0.955 6.3 x 13 6.3 x 1 7.5 8 x 17.5 8 x 20.5 9.5 x 20.5 9.5 x 24 9.5 x 32 9.5 x 38
10 Vdc (12 Vdc Surge) 100 180 270 390 680 556101M010BA2 556181M010BB2 556271M010CB2 556391M010CC2 556681M010DC2 3.70 2.08 1.60 0.96 0.57 0.109 0.175 0.250 0.350 0.440 6.3 x 13 6.3 x 17.5 8 x 17.5 8 x 20.5 9.5 x 20.5
CDM Cornell Dubilier * 140 Technology Place * Liberty, SC 29657 * Phone: (864)843-2277 * Fax: (864)843-3800 * www.cde.com
Type 556 105 C, Computer Grade, Axial Leaded, Aluminum
Ripple A @ 85 C 120 Hz Nominal Size (mm) DxL Ripple A @ 85 C 120 Hz Nominal Size (mm) DxL
Cap. F
Catalog Number
ESR Max. 120 Hz
Cap. F
Catalog Number
ESR Max. 120 Hz
12 Vdc (15 Vdc Surge) (cont'd) 2200 2700 3300 3900 6800 8200 68 120 180 330 560 680 1000 1500 1800 2700 2700 3300 5600 6800 556222M012MF2 0.22 556272M012MH2 0.15 556332M012EH2 0.13 556392M012ER2 0.12 556682M012FR2 0.09 556822M012LV2 0.08 16 Vdc (20 Vdc Surge) 556680M016BA2 556121M016BB2 556181M016CB2 556331M016CC2 556561M016DC2 556681M016DD2 556102M016DF2 556152M016DH2 556182M016MF2 556272M016EH2 556272M016MH2 556332M016ER2 556562M016FR2 556682M016LV2 4.70 2.60 1.90 1.12 0.68 0.60 0.38 0.36 0.24 0.15 0.16 0.14 0.08 0.08 1.140 1.380 1.600 1.780 2.330 2.550 0.107 0.162 0.230 0.320 0.420 0.540 0.740 0.950 1.070 1.540 1.380 1.710 2.320 2.570 11 x 32 11 x 38 12.5 x 38 12.5 x 44.5 16 x 44.5 18 x 40 6.3 x 13 6.3 x 17.5 8 x 17.5 8 x 20.5 9.5 x 20.5 9.5 x 24 9.5 x 32 9.5 x 38 11 x 32 12.5 x 38 11 x 38 12.5 x 44.5 16 x 44.5 18 x 40 680 1000 1200 1500 2700 3300
35 Vdc (45 Vdc Surge) (cont'd) 556681M035MF2 556102M035MH2 556122M035EH2 556152M035ER2 556272M035FR2 556332M035LV2 0.39 0.28 0.23 0.19 0.15 0.14 0.780 1.020 1.090 1.400 2.000 2.180 11 x 32 11 x 38 12.5 x 38 12.5 x 44.5 16 x 44.5 18 x 40
40 Vdc (50 Vdc Surge) 27 56 68 120 180 270 390 560 680 1000 1000 1200 2200 2700 556270M040BA2 556560M040BB2 556680M040CB2 556121M040CC2 556181M040DC2 556271M040DD2 556391M040DF2 556561M040DH2 556681M040MF2 556102M040EH2 556102M040MH2 556122M040ER2 556222M040FR2 556272M040LV2 8.70 4.35 3.65 2.05 1.36 0.96 0.63 0.44 0.37 0.24 0.25 0.21 0.15 0.14 0.078 0.115 0.155 0.223 0.300 0.397 0.570 0.702 0.950 1.080 1.000 1.330 1.870 2.070 6.3 x l3 6.3 x 17.5 8 x 17.5 8 x 20.5 9.5 x 20.5 9.5 x 24 9.5 x 32 9.5 x 38 11 x 32 12.5 x 38 11 x 38 12.5 x 44.5 16 x 44.5 18 x 40
20 Vdc (25 Vdc Surge) 68 120 150 270 470 680 820 1200 1500 2200 2200 4700 5600 556680M020BA2 556121M020BB2 556151M020CB2 556271M020CC2 556471M020DC2 556681M020DD2 556821M020DF2 556122M020DH2 556152M020MF2 556222M020EH2 556222M020ER2 556472M020FR2 556562M020LV2 4.80 2.60 2.10 1.22 0.7 0.50 0.35 0.25 0.22 0.18 0.18 0.09 0.07 0.105 0.161 0.218 0.305 0.405 0.500 0.700 0.900 0.990 1.370 1.460 2.320 2.400 6.3 x 13 6.3 x 17.5 8 x 17.5 8 x 20.5 9.5 x 20.5 9.5 x 24 9.5 x 32 9.5 x 38 11 x 32 12.5 x 38 12.5 x 44.5 16 x 44.5 18 x 40 22 39 47 82 120 180 270 390 470 680 680 1000 1200 1500 1800
50 Vdc (65 Vdc Surge) 556220M050BA2 556390M050BB2 556470M050CB2 556820M050CC2 556121M050DC2 556181M050DD2 556271M050DF2 556391M050DH2 556471M050MF2 556681M050EH2 556681M050MH2 556102M050ER2 556122M050FH2 556152M050FR2 556182M050LV2 11.70 6.63 5.50 3.15 2.15 1.43 1.05 0.66 0.55 0.38 0.38 0.26 0.22 0.18 0.14 0.067 0.100 0.130 0.190 0.250 0.335 0.450 0.600 0.660 0.975 0.880 1.210 1.400 1.670 1.920 6.3 x 13 6.3 x 17.5 8 x l7.5 8 x 20.5 9.5 x 20.5 9.5 x 24 9.5 x 32 9.5 x 38 11 x 32 12.5 x 38 11 x 38 12.5 x 44.5 16 x 38 16 x 44.5 18 x 40
25 Vdc (35 Vdc Surge) 77 82 100 180 270 390 560 820 1000 1200 1500 1800 3300 3900 556470M025BA2 556820M025BB2 556101M025CB2 556181M025CC2 556271MO25DC2 556391M025DD2 556561M025DF2 556821M025DH2 556102M025MF2 556122M025MH2 556152M025EH2 556182M025ER2 556332M025FR2 556392M025LV2 6.00 3.50 3.00 2.00 1.10 0.80 0.54 0.38 0.33 0.27 0.22 0.19 0.15 0.13 0.093 0.140 0.180 0.260 0.360 0.450 0.615 0.825 1.060 1.090 1.230 1.440 1.990 2.220 6.3 x 13 6.3 x 17.5 8 x 17.5 8 x 20.5 9.5 x 20.5 9.5 x 24 9.5 x 32 9.5 x 38 11 x 32 11 x 38 12.5 x 38 12.5 x 44.5 16 x 44.5 18 x 40
63 Vdc (75 Vdc Surge) 18 33 39 68 100 150 220 330 390 470 560 820 1000 1200 1500 556180M063BA2 556330M063BB2 556390M063CB2 556680M063CC2 556101M063DC2 556151M063DD2 556221M063DF2 556331M063DH2 556391M063MF2 556471M063MH2 556561M063EH2 556821M063ER2 556102M063FH2 556122M063FR2 556152M063LV2 13.60 7.50 6.30 3.50 2.40 1.63 1.08 0.72 0.63 0.51 0.42 0.30 0.24 0.20 0.15 0.060 0.090 0.120 0.175 0.242 0.300 0.420 0.575 0.652 0.750 0.880 1.130 1.340 1.560 1.850 6.3 X 13 6.3 X 17.5 8 X 17.5 8 X 20.5 9.5 X 20.5 9.5 X 24 9.5 X 32 9.5 X 38 11 X 32 11 X 38 12.5 X 38 12.5 X 44.5 16 X 38 16 X 44.5 18 40
35 Vdc (45 Vdc Surge) 33 56 68 120 220 270 470 560 556330M035BA2 556560M035BB2 556680M035CB2 556121M035CC2 556221M035DC2 556271M035DD2 556471M035DF2 556561M035DH2 8.18 4.90 3.93 2.26 1.25 1.00 0.58 0.48 0.080 0.117 0.160 0.225 0.325 0.400 0.590 0.705 6.3 x 13 6.3 x 17.5 8 x 17.5 8 x 20.5 9.5 x 20.5 9.5 x 24 9.5 x 32 9.5 x 3
80 Vdc (100 Vdc Surge) 5.6 10 15 22 5565R6M080BA2 556100M080BB2 556150M080CB2 556220M080CC2 28.40 15.80 10.60 7.23 0.043 0.070 0.097 0.126 6.3 x 13 6.3 x 17.5 8 x 17.5 8 x 20.5
CDM Cornell Dubilier * 140 Technology Place * Liberty, SC 29657 * Phone: (864)843-2277 * Fax: (864)843-3800 * www.cde.com
Type 556 105 C, Computer Grade, Axial Leaded, Aluminum
Ripple A @ 85 C 120 Hz Nominal Size (mm) DxL Ripple A @ 85 C 120 Hz Nominal Size (mm) DxL
Cap. F
Catalog Number
ESR Max. 120 Hz
Cap. F
Catalog Number
ESR Max. 120 Hz
80 Vdc (100 Vdc Surge) (cont'd) 47 68 100 120 150 220 220 270 390 470 680 556470M080DC2 556680M080DD2 556101M080DF2 556121M080DH2 556151M080MF2 556221M080EH2 556221M080MH2 556271M080ER2 556391M080FH2 556471M080FR2 556681M080LV2 3.38 2.34 1.59 1.33 1.06 0.72 1.06 0.58 0.41 0.34 0.23 0.205 0.260 0.357 0.435 0.480 0.680 0.527 0.850 1.030 1.210 1.490 9.5 x 20.5 9.5 x 24 9.5 x 32 9.5 x 38 11 x 32 12.5 x 38 11 x 38 12.5 x 44.5 16 x 38 16 x 44.5 18 x 44.5 6.8 8.2 12 18 27 33 39 68 82
250 Vdc (300 Vdc Surge) (cont'd) 5566R8M250DC2 5568R2M250DD2 556120M250DF2 556180M250DH2 556270M250MH2 556330M250EH2 556390M250ER2 556680M250FR2 556820M250LV2 23.50 19.40 13.20 8.80 6.00 4.80 4.00 2.30 2.00 0.078 0.090 0.125 0.165 0.215 0.240 0.305 0.425 0.500 9.5 x 20.5 9.5 x 24 9.5 x 32 9.5 x 38 11 x 38 12.5 x 38 12.5 x 44.5 16 x 44.5 18 x 40
300 Vdc (360 Vdc Surge) 0.68 1.2 1.5 2.2 3.9 5.6 8.2 10 18 22 27 47 68 556R68M300BA2 556lR2M300BB2 5561R5M300CB2 5562R2MI300CC2 5563R9M300DC2 5565R6M300DD2 5568R2M300DF2 556100M300DH2 556180M300MH2 556220M300EH2 556270M300ER2 556470M300FR2 556680M300LV2 235.00 133.00 107.00 73.00 41.00 28.60 19.50 16.00 8.90 7.27 5.90 3.40 2.40 0.016 0.024 0.030 0.040 0.055 0.070 0.100 0.120 0.175 0.200 0.250 0.375 0.450 6.3 x 13 6.3 x 17.5 8 x 17.5 8 x 20.5 9.5 x 20.5 9.5 x 24 9.5 x 32 9.5 x 38 11 x 38 12.5 x 38 12.5 x 44.5 16 x 44.5 18 x 40
100 Vdc (125 Vdc Surge) 3.9 6.8 12 15 33 47 68 100 150 150 220 390 470 5563R9M100BA2 5566R8M100BB2 556120M100CB2 556150M100CC2 556330M100DC2 556470M100DD2 556680M100DF2 556101M100DH2 556151M100EH2 556151M100MH2 556221M100ER2 556391M100FR2 556471M100LV2 40.70 23.70 13.30 10.60 4.81 3.38 2.33 1.59 1.06 1.06 0.72 0.40 0.34 0.035 0.054 0.080 0.100 0.145 0.205 0.280 0.385 0.585 0.505 0.715 1.110 1.240 6.3 x l3 6.3 x 17.5 8 x 17.5 8 x 20.5 9.5 x 20.5 9.5 x 24 9.5 x 32 9.5 x 38 12.5 x 38 11 x 38 12.5 x 44.5 16 x 44.5 18 x 40
350 Vdc (400 Vdc Surge) 0.56 1 1.2 1.8 3.3 4.7 6.8 10 18 22 27 39 56 1.8 2.7 3.9 4.7 12 18 22 27 47 1.5 2.2 3.3 3.9 10 12 18 22 33 556R56M350BA2 5561R0M350BB2 5561R2M350CB2 5561R8M350CC2 5563R3M350DC2 5564R7M350DD2 5566R8M350D F2 556100M350DH2 556180M350MH2 556220M350E H2 556270M350ER2 556390M350FR2 556560M350LV2 5561R8M400DC2 5562R7M400DD2 5563R9M400DF2 5564R7M400DH2 556120M400MH2 556180M400EH2 556220M400ER2 556270M400FR2 556470M400LV2 5561R5M450DC2 5562R2M450DD2 5563R3M450DF2 5563R9M450DH2 556100M450MH2 556120M450EH2 556180M450ER2 556220M450FR2 556330M450LV2 284.00 159.00 132.00 88.40 48.00 33.80 23.50 15.90 8.84 7.23 6.00 4.18 3.00 92.00 62.00 42.00 35.00 13.80 9.20 7.60 6.10 3.50 115.00 78.00 52.00 44.00 17.00 9.50 7.80 5.20 5.20 0.014 0.022 0.027 0.036 0.054 0.065 0.077 0.120 0.175 0.210 0.250 0.340 0.400 0.038 0.050 0.070 0.082 0.130 0.175 0.220 0.250 0.375 0.035 0.045 0.062 0.074 0.125 0.200 0.225 0.300 0.315 6.3 x 13 6.3 x 17.5 8 x 17.5 8 x 20.5 9.5 x 20.5 9.5 x 24 9.5 x 32 9.5 x 38 11 x 38 12.5 x 38 12.5 x 44.5 16 x 44.5 18 x 40 9.5 x 20.5 9.5 x 24 9.5 x 32 9.5 x 38 11x 38 12.5 x 38 12.5 x 44.5 16 x 44.5 18 x 40 9.5 x 20.5 9.5 x 24 9.5 x 32 9.5 x 38 11 x 38 12.5 x 38 12.5 x 44.5 16 x 44.5 18 x 40
150 Vdc (170 Vdc Surge) 1.5 2.7 3.3 6.8 12 15 22 33 47 56 68 120 150 5561R5M150BA2 5562R7M150BB2 5563R3M150CB2 5566R8M150CC2 556120M150DC2 556150M150DD2 556220M150DF2 556330M150DH2 556470M150MH2 556560M150EH2 556680M150ER2 556121M150FR2 556151M150LV2 110.00 60.00 49.00 24.00 13.30 11.00 7.30 4.90 3.38 3.08 2.34 1.34 1.10 0.023 0.036 0.045 0.070 0.100 0.120 0.165 0.225 0.290 0.325 0.380 0.580 0.668 6.3 x 13 6.3 x 17.5 8 x l7.5 8 x 20.5 9.5 x 20.5 9.5 x 24 9.5 x 32 9.5 x 38 11 x 38 12.5 x 38 12.5 x 44.5 16 x 44.5 18 x 40
400 Vdc (450 Vdc Surge)
200 Vdc (250 Vdc Surge) 1.2 2.7 3.3 5.6 10 12 18 27 39 39 56 68 100 120 5561R2M200BA2 5562R7M200BB2 5563R3M200CB2 5565R6M200CC2 556100M200DC2 556120M200DD2 556180M200DF2 556270M200DH2 556390M200EH2 556390M200MH2 556560M200ER2 556680M200FH2 556101M200FR2 556121M200LV2 132.00 60.00 50.00 28.00 15.90 12.00 9.10 6.00 4.00 4.50 2.85 2.36 1.60 1.33 0.022 0.035 0.045 0.065 0.090 0.105 0.150 0.200 0.288 0.250 0.350 0.425 0.550 0.610 6.3 x 13 6.3 x 17.5 8 x 17.5 8 x 20.5 9.5 x 20.5 9.5 x 24 9.5 x 32 9.5 x 38 12.5 x 38 11 x 38 12.5 x 44.5 16 x 38 16 x 44.5 18 x 40
450 Vdc (500 Vdc Surge)
250 Vdc (300 Vdc Surge) 1 1.8 2.2 3.3 5561R0M250BA2 5561R8M250BB2 5562R2M250CB2 5563R3M250CC2 161.00 88.00 73.00 48.00 0.021 0.031 0.037 0.049 6.3 x 13 6.3 x 17.5 8 x 17.5 8 x 20.5
CDM Cornell Dubilier * 140 Technology Place * Liberty, SC 29657 * Phone: (864)843-2277 * Fax: (864)843-3800 * www.cde.com


▲Up To Search▲   

 
Price & Availability of 5562R2MI300CC2

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X